PART |
Description |
Maker |
M80-5L1040500-00-000-04-333 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, No jackscrews, 4 x 3mm PC Tail signal contacts, 4 x 3.5mm PC Tail Power contacts 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5L220M1-20-334 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews, 20 x 4.5mm PC Tail signal contacts, 2 x 5mm PC Tail Power contacts 22 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5T102M2-22-331 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 3.5mm board mount, 2 x 3mm PC Tail signal contacts, 4 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
M80-5T11022M3-03-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 5mm board mount, 4 x 3mm PC Tail signal contacts, 3 x 3.5mm PC Tail Power contacts 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5T21642M3-06-312-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 5mm board mount, 16 x 3mm PC Tail signal contacts, 6 x 4.5mm PC Tail Coax contacts 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5T10642M2-00-000-03-331 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 3.5mm board mount, 6 x 3mm PC Tail signal contacts, 3 x 3.5mm PC Tail Power contacts 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5L20422M5-00-000-02-334 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, 4 x 4.5mm PC Tail signal contacts, 2 x 5mm PC Tail Power contacts 6 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M83-LFC1F2N08-0400-325 |
Datamate 3-Row Mix-Tek Female Crimp Connector, Hex Socket jackscrews, 8 x Small bore signal contacts, 4 x 12 AWG Power contacts
|
HARWIN INC
|
M80-321 M80-322 |
DATAMATE MIX-TEK POWER CONTACT FEMALE VERTICAL PC-TAIL
|
Harwin Plc
|
M80-7101522 |
Datamate J-Tek 3-Row Male Vertical PC Tail Connector, jackscrews, selective gold tin/lead, 15 signal 2 power 17 CONTACT(S), MALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, SOLDER
|
Harwin PLC
|
M83-LFC1F1N60-0000-000 |
JACKSCREW DATAMATE 3-ROW CRIMP FEMALE ASSEMBLY (60-WAY) Datamate J-Tek 3-Row Female Small Bore Crimp Connector, gold, Hexagonal jackscrews, 3 x 20-way (60)
|
Harwin Plc HARWIN INC
|
|